Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download SDZ6V2AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDZ6V2AD
ESD Protection Diode
Application Features
* * * *
* ESD Protection
Transient protection for data lines to IEC 61000-4-2(ESD) 15KV(air), 8KV(contact) Small package for use in portable electronics Protection one I/O or power line. Low leakage current
Ordering Information
Type NO. SDZ6V2AD Marking T2 Package Code SOD-323
Outline Dimensions
unit : mm
0.35 Max.
2.35~2.65 1.60~1.80
1.15~1.35
2
1
CATHODE MARK
0.80~1.00
0.20 Min. 0.10 Max.
0.19 Max.
PIN Connections 1. Anode 2. Cathode
KSD-D6C011-000
1
SDZ6V2AD
Absolute Maximum Ratings
Characteristic
Power dissipation Junction temperature Storage temperature range (Ta=25C)
Symbol
PD TJ TSTG
Rating
200 150 -55~150
Unit
mW C C
Electrical Characteristics
Characteristic
Zener voltage Reverse current Total capacitance
(Ta=25C)
Symbol
VZ IR CT
Test Condition
IZ=5mA VR=3V VR=0V, f=1MHz
Min.
5.7 -
Typ. Max.
20 6.7 2
Unit
V A pF
Recommend PCB solder land (Unit : mm)
KSD-D6C011-000
2
Electrical Characteristic Curves
Fig. 1 PD-Ta Fig. 2 IZ-VZ
SDZ6V2AD
Fig. 3 CT - VR
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KSD-D6C011-000 3


▲Up To Search▲   

 
Price & Availability of SDZ6V2AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X